Part Number Hot Search : 
1N6311 LBS14 NCV33 NTE99 SMAJ11CA BF1101WR GS1012 H1P141X
Product Description
Full Text Search
 

To Download MIL1331-272K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PP
ROVE
D
NU MB ER *
Series
RF INDUCTORS
MIL1331
MI
L I TA R Y
A
DA SH
Military QPL Approval M83446/34IronCore/IronSleeve M8344634IronCore/FerriteSleeve M83446/35FerriteCore/FerriteSleeve Ordering Note Militarypartsmustbeorderedto theM83446/partnumber Physical Parameters Inches Millimeters A 0.300to0.325 7.62to8.26 B 0.105to0.125 2.67to3.18 C 0.125to0.145 3.18to3.68 D 0.020Min. 0.508Min. E 0.040to0.060 1.02to1.52 F 0.190(Ref.only) 4.83(Ref.only) G 0.070(Ref.only) 1.78(Ref.only) Dimensions"A"and"C"areoverterminations Weight Max (Grams)0.30 Operating Temperature Range -55Cto+105C Current Rating at 90C Ambient 15CRise Maximum Power Dissipation at 90C 0.0585Watts Incremental CurrentCurrentlevelwhichcausesa maximumof5%decreaseininductance. Coupling3%Max. **Note SelfResonantFrequency(SRF)valuesfor101Kto-331Karecalculatedandforreferenceonly. Packaging Tape&reel(16mm):7"reel,500pieces max.;13"-reel,2200piecesmax. Made In the U.S.A. Patent Protected

-101K -121K -151K -181K -221K -271K -331K -391K -471K -561K -681K -821K -102K -122K -152K -182K -222K -272K -332K -392K -472K -562K -682K -822K -103K -123K -153K -183K -223K -273K -333K -393K -473K -563K -683K -823K -104K -124K -154K -184K -224K -274K -334K -394K -474K -564K
M83446/34-SERIES MIL1331 IRON CORE & SLEEVE
01F 02F 03F 04F 05F 06F 07F 08F 09F 10F 11F 12F 13F 14F 15F 16F 17F 18F 19F 20F 21F 22F 23F 24F 25F 26F 27F 28F 29F 30F 31F 32F 33F 34F 35F 36F 37F 01F 02F 03F 04F 05F 06F 07F 08F 09F 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.00 1.20 1.50 1.80 2.20 2.70 3.30 3.90 4.70 5.60 6.80 8.20 10.0 45 45 45 45 45 45 44 42 41 41 39 38 37 40 41 43 45 48 49 50 50 50 50 50 50 36 38 40 40 40 41 42 44 44 45 45 40 31 33 33 35 35 35 35 35 35 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 490.0** 430.0** 415.0** 375.0** 330.0** 300.0** 260.0** 230.0 220.0 210.0 180.0 165.0 150.0 130.0 115.0 105.0 95.0 90.0 80.0 75.0 70.0 60.0 55.0 53.0 50.0 35.0 30.0 26.0 24.0 21.0 20.0 19.0 16.0 15.0 13.0 11.0 10.5 13.0 12.0 11.0 10.0 9.0 8.0 7.8 7.5 7.0 0.10 0.11 0.12 0.13 0.15 0.16 0.18 0.19 0.21 0.23 0.24 0.27 0.30 0.73 0.86 0.95 1.10 1.20 1.30 1.50 2.40 2.90 3.20 3.60 4.00 670 635 610 585 545 530 495 485 460 440 430 405 385 247 228 217 202 193 185 173 136 124 118 111 106 122 115 108 96 88 83 75 69 64 61 59 51 88 75 69 64 61 53 46 43 40
MI L
Shielded Surface Mount Inductors
M83446/34-SERIES MIL1331 IRON CORE FERRITE SLEEVE
12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 270.0 330.0 390.0 470.0 560.0 3.00 3.40 3.80 4.90 5.80 6.50 7.90 9.30 11.0 12.0 13.0 16.8 5.80 7.90 9.40 11.0 12.0 16.0 21.0 24.0 28.0
M83446/35-SERIES MIL1331 FERRITE CORE & SLEEVE
0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79
Parts listed above are QPL/MIL qualified *Complete part # must include series # PLUS the dash # For further surface finish information, refer to TECHNICAL section of this catalog.
PAGE
30
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 * Phone 716-652-3600 * Fax 716-652-4814
# IN D ( UCT H) A 1 NC 0% E Q MI NI MU M TE ST FR EQ UE SR NC F Y MI (M NI Hz MU DC ) M (M MA RES Hz XI IST )** CU MUM AN RR (O CE MA E H X NT M IN IMU RA S) C MT CU REM (m ING RR EN A) EN TA TL (m A)
670 635 610 585 545 530 495 485 460 440 430 405 385 247 228 217 202 193 185 173 136 124 118 111 106 122 115 108 96 88 83 75 69 64 61 59 51 27 24 22 20 18 16 14 13 12
6/2007
DA SH


▲Up To Search▲   

 
Price & Availability of MIL1331-272K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X